Part Number Hot Search : 
CXA13 30LT1 LC7535 HD29051 AT24C128 0E7MXXX 48D12 CXA13
Product Description
Full Text Search
 

To Download 264-10UYDS530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
DATA SHEET
PART NO. DATE A214B/UY/S530-A3 2005/8/26 CHR&D1
DEPARTMENT . REVISION
2
RECEIVED
MASS PRODUCTION PRELIMINARY CUSTOMER DESIGN DEVICE NUMBER : PAGE : 6
CUSTOMER DESIGNER
CDAE-021-051
CHECKER APPROVER
REV.
DESCRIPTION
RELEASE DATE
OFFICE: 7C BUILDING, LIAN HUA PORT INDUSTRIAL DISTRICT, LIAN HUA SHAN BONDED PRICESSING ZONE PAN YU, GUANG ZHU, CHINA TEL. : (020)84860913,84860914 FAX : (020)84860600 http : //www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
3.0mm Round Type LED Lamps A214B/UY/S530-A3
Features :

Low power consumption High efficiency and low cost Good control and free combinations on the colors of LED lamps Good lock and easy to assembly Stackable and easy to assembly Stackable vertically and easy to assembly Versatile mounting on P.C board or panel Stackable horizontally and easy to assembly Pb free The product itself will remain within RoHS compliant version.

Descriptions :

ARRAY=Plastic Holder+Combinations of Lamps The array will easily mount the applicable lamps on any panel up to
Applications :
1.Used as indicators of indicating the Degree, Functions, Positions etc, in electronic instruments.
PART NO. 264-10UYD/S530-A3
Chip Material AlGaInP Emitted Color Super Yellow
Lens Color
Yellow Diffused
EVERLIGHT ELECTRONICS CO.,LTD. Device Number :
CDAE-021-051
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
2
Page: 1 of 6
dzh
BG0309026,R0302844
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A214B/UY/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters, tolerance is 0.25mm except being specified
2.Lead spacing is measured where the lead emerge from the package
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current Reverse Voltage Symbol IF Topr Tstg Tsol ESD Pd IF(Peak) VR Rating Unit mA V mW mA V
25
-40 to +85 -40 to +100 260 5 2000 60 160 5
Note: *1:IFP Conditions --Pulse Width 1msec and Duty 1/10. *2:Soldering time 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-021-051
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
2
Page: dzh
2 0f 6
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A214B/UY/S530-A3
Electro-Optical Characteristics (Ta=25)
Parameter Forward Voltage Reverse Current Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Symbol VF IR Iv 21/2 p d Condition IF= VR= IF= IF= IF= IF= IF= 20 5 20 20 20 20 20 mA V mA mA mA mA mA Min. 50 Typ. 2.0 100 60 591 589 15 Max. 2.4 10 Unit V A mcd deg nm nm nm
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-021-051
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
2
Page: 3 of 6
dzh
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A214B/UY/S530-A3 Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD. Device Number : CDAE-021-051
http : //www.everlight.com Prepared date: 2005/8/26
REV.:
2
Page: 4 of 6
Prepared by: dzh
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A214B/UY/S530-A3
Reliability test items and conditions:
Test Sample Ac/Re Hours/Cycle Size SEC 76 PCS 0/1
NO 1
Item Solder Heat
Test Conditions TEMP : 260 5 H : +100 15min 5 min L : -40 15min H : +100 5min 10 sec L : -10 5min TEMP : 100
2
Temperature Cycle
300 CYCLES 76 PCS
0/1
3
Thermal Shock
300 CYCLES 76 PCS
0/1
4
High Temperature Storage
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP : -40 TEMP : 25 IF = 20mA 85 / 85% RH
1000 HRS
76 PCS
0/1
6 7
DC Operating Life High Temperature / High Humidity
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/8/26
REV.:
2
Prepared by:
Page: 5 of 6 dzh
Device Number :
CDAE-021-051
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet 3.0mm Round Type LED Lamps
A214B/UY/S530-A3
Packing Quantity Specification
1. 500PCS/1Bag4Bags/1Box 2. 10Boxes/1Carton
Label Form Specification
CPN: Customers Production Number P/N : Production Number QTY: Packing Quantity
RoHS
CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
A214B/UY/S530-A3
Notes 1. Above specification may be changed wi material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please dont reproduce or cause anyone to reproduce them without EVERLIGHT sconsent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C Tel: (886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com Prepared date: 2005/8/26
REV.: Prepared by:
2
Page: 6 0f 6 dzh
Device Number :
CDAE-021-051


▲Up To Search▲   

 
Price & Availability of 264-10UYDS530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X